PART |
Description |
Maker |
IRF520L IRF520NSTRR IRF520NSTRL |
Power MOSFET(Vdss=100V/ Rds(on)=0.20ohm/ Id=9.7A) 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRF5NJ540 |
Avalanche Energy Ratings POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*) SURFACE MOUNT (SMD-0.5)100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
IRF5NJ9540 IRF5NJB9540 |
-100V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package SURFACE MOUNT (SMD-0.5) 100V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
|
International Rectifier
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRFS59N10D IRFSL59N10D IRFB59N10D IRFB59N10 IRFS59 |
Power MOSFET(Vdss=100V/ Rds(on)max=0.025ohm/ Id=59A) Power MOSFET(Vdss=100V, Rds(on)max=0.025ohm, Id=59A) HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
IRF[International Rectifier]
|
IRF5EA1310 |
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A) THRU-HOLE MOUNT (LCC-28) 100V, N-CHANNEL
|
IRF[International Rectifier]
|
MJD112-001 MJD112RL MJD112T4 MJD112T4G MJD117 MJD1 |
Power 2A 100V Darlington NPN Power 2A 100V Darlington PNP Complementary Darlington Power Transistors
|
ONSEMI[ON Semiconductor]
|
IRF9520 FN2281 |
6A, 100V, 0.600 Ohm, P-Channel Power MOSFET(6A, 100V, 0.600 惟, P娌?????MOS?烘?搴??) From old datasheet system 6A 100V 0.600 Ohm P-Channel Power MOSFET 6A/ 100V/ 0.600 Ohm/ P-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
IRFU9120 IRFR9120 IRFR9120TRR IRFR9120TRL IRFR9120 |
-100V Single P-Channel HEXFET Power MOSFET in a I-Pak package -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
|
IRF[International Rectifier]
|
IRF9140 |
-100V,Thru-Hole Radiation Hardened Power MOSFET(-100V,???瀹?????灏????娌??MOSFET)
|
International Rectifier
|
BUZ21 BUZ21SMD |
Low Voltage MOSFETs - Power MOSFET, 100V,DPAK , RDSon=0.085 Ohm, 21A, NL Power MOSFET, 100V,D²PAK , RDSon=0.085 Ohm, 21A, NL SIPMOS Power Transistor
|
Infineon Technologies AG
|